Part Number Hot Search : 
3SMC45CA UPA837TF PC1601 LB1881M SRA1050 T10C110 55650803 5HHXX
Product Description
Full Text Search
 

To Download MA104CAB-015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 11 - 8 - 054/ k / ss page 1 of 27 ma104. c. a301111.301111 specification part no. : ma104. c. ab .015 product name : ma104 gps/ cellular combination hercules screw - mount [ permanent mount ] feature : low profile - height 29 mm and d iameter 49 mm heavy duty screw mount uv and vandal resistant pc housing cellu lar - penta band antenna 850/900/1800/1900/2100/1575 .42 mhz gsm /gprs/cdma/evdo/umts/hspa/wcdma gps C two stage 28db+ lna ip67 & ip69k compliance st andard is 3 metres rg174 sma(m) cables and connectors are fully c ustomizable rohs compliant
spe - 11 - 8 - 054/ k / ss page 2 of 27 ma104. c. a301111.301111 1. i ntroduction the ma . 104 .c gps/ cellular combination hercules antenna is a combination high performance gps and p enta - b and cellular a ntenna solution for reliable asset tracking and remote monitoring. durable uv and robust pc housing is resistant to vandalism and direct attack. at only 29 mm height it complies with the latest eu height restrictions directives for roof - mounted objects, with a diameter of 49 mm. it is d esigned to not catch on tree - branches. the hercules c an be mounted on metal or non - metal str uctures as it has a metal ground - plane base integrated inside.
spe - 11 - 8 - 054/ k / ss page 3 of 27 ma104. c. a301111.301111 2. s pecification electrical cellular standard amps gsm pcs dcs 3g band (mhz) 850 900 19 00 18 00 2100 frequency (mhz) 824 - 896 880 - 960 1850 - 1990 1710 - 1880 1920 C 2170 return loss (db) cable length (meter) 0.3 - 6.5 - 6.0 - 7 - 8 - 5 1.0 - 9.5 - 8 - 17 - 16 - 15 2.0 - 10 - 9 - 20 - 21 - 18 3.0 - 13 - 11 - 21 - 21 - 19 5.0 - 14 - 14 - 25 - 25 - 23 efficiency (%) cable length (meter) 0.3 38 54 58 54 50 1.0 31 35 36 42 31 2.0 23 20 23 32 21 3. 0 25 29 23 22 18 5.0 11 11.5 12 11 11 peak gain (dbi) cable length (meter) 0.3 2.0 3.3 4.0 3.6 3.0 1.0 1.2 1.3 2 1.8 1.2 2.0 0.5 - 0.35 0 1.5 - 0.1 3.0 0.1 1.6 0.6 0.1 - 0.9 5.0 - 2.5 - 2.4 - 2.3 - 3.0 - 2.0 polarization linear impedance 50 ohms input power 10 watts max. vswr <3.5.0:1
spe - 11 - 8 - 054/ k / ss page 4 of 27 ma104. c. a301111.301111 electrical gps frequency 1575.42mhz 1.023mhz impedance 50 ohm vswr 2.0 max gps patch gain 2 .0db passive gain @ zenith - 1.0dbi gain @ 10 degrees elevation axial ratio 3.0 db max polarization rhcp out b and rejection fo = 1575.42mhz fo 30 mhz 5db min. fo 50 mhz 20db min. fo 100 mhz 25db min. input voltage min:1.8v typ. 3.0v max: 5.5v total gain @ zenith 25dbic 30dbic 32dbic current consumption 6ma 12ma 30ma noise figure 2.7db 3.0db 3.7db mechan ical dimensions height 29mm x diameter 49mm casing uv resistant p c base and thread nickel plated steel thread diameter 18mm weather proof gasket cr4305 foam with 3m9448b double - side adhesive cable pull 8 kgf recommended mounting torque 24.5 n ? m max mounting torque 29.4n?m weight 200g environmental waterproof ip - 67 & ip - 69k corrosion 5% nacl for 48 hrs - nickel plated steel base and thread temperature range - 40c to +85c thermal shock 100 cycles - 40c to +80c humidity non - condensin g 65c 95% rh shock (drop test) 1m drop on concrete 6 axes *note: the return loss, efficiency and gain measurements in the above table, were taken for the antenna mounted on a 30x30 cm metal plate. for a specific case performance refers to the below plot s.
spe - 11 - 8 - 054/ k / ss page 5 of 27 ma104. c. a301111.301111 3. t est set up y x z figure 1. ma104 antenna test set up in free space, 30x30 cm metal plate and 60x60 cm metal plate, r&szvl6 vna (left) and r &s4100 ctia 3d chamber (right).
spe - 11 - 8 - 054/ k / ss page 6 of 27 ma104. c. a301111.301111 4. a ntenna parameters 4.1 return loss figure 2 . return loss of the ma104 antenna in free space figure 3. return loss of the ma104 antenna on 30*30cm metal plate
spe - 11 - 8 - 054/ k / ss page 7 of 27 ma104. c. a301111.301111 figure 4. return loss of the ma104 antenna on 60 *60cm metal plate
spe - 11 - 8 - 054/ k / ss page 8 of 27 ma104. c. a301111.301111 4 . 2 efficiency figure 5 . efficiency of the ma 104 antenna in free space figure 6 . efficiency of the ma104 antenna on 30 *30cm metal plate
spe - 11 - 8 - 054/ k / ss page 9 of 27 ma104. c. a301111.301111 figure 7. efficiency of the ma104 antenna on 60 *60 cm metal plate. figure 8 . efficienc y of the ma104 antenna with 960~1700mhz
spe - 11 - 8 - 054/ k / ss page 10 of 27 ma104. c. a301111.301111 4.3 peak gain figure 9 . gain of the ma104 antenna in free space figure 10 . gain of the ma1 04 antenna on 30*30cm metal plate
spe - 11 - 8 - 054/ k / ss page 11 of 27 ma104. c. a301111.301111 figure 11 . gain of the ma1 04 antenna on 60*60cm metal plate figure 12 . g ain of the ma104 antenna from 960~1700mhz
spe - 11 - 8 - 054/ k / ss page 12 of 27 ma104. c. a301111.301111 4.4 radiation pattern figure 13 . radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space figure 14 . radiation pattern at 915 mhz, fi gure 1 as reference (db), with 2 m rg174 cable and free space
spe - 11 - 8 - 054/ k / ss page 13 of 27 ma104. c. a301111.301111 figure 1 5 . radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and fr ee space figure 16 . radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space
spe - 11 - 8 - 054/ k / ss page 14 of 27 ma104. c. a301111.301111 figure 17 . radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and free space. figure 18 . radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg1 74 cable and 30x30 cm metal plate
spe - 11 - 8 - 054/ k / ss page 15 of 27 ma104. c. a301111.301111 figure 19 . radiation pattern at 915 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 20 . radiation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x3 0 cm metal plate
spe - 11 - 8 - 054/ k / ss page 16 of 27 ma104. c. a301111.301111 figure 21 . radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate figure 22 . radiation pattern at 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and 30x30 cm metal plate
spe - 11 - 8 - 054/ k / ss page 17 of 27 ma104. c. a301111.301111 figure 23 . radiation pattern at 849 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 24 . radiation pattern at 915 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate
spe - 11 - 8 - 054/ k / ss page 18 of 27 ma104. c. a301111.301111 figure 25 . rad iation pattern at 1805 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate figure 26 . radiation pattern at 1910 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate
spe - 11 - 8 - 054/ k / ss page 19 of 27 ma104. c. a301111.301111 figure 27 . radiation pattern a t 2110 mhz, figure 1 as reference (db), with 2 m rg174 cable and 60x60 cm metal plate
spe - 11 - 8 - 054/ k / ss page 20 of 27 ma104. c. a301111.301111 5. system block diagram
spe - 11 - 8 - 054/ k / ss page 21 of 27 ma104. c. a301111.301111 6. gps patch radiation pattern
spe - 11 - 8 - 054/ k / ss page 22 of 27 ma104. c. a301111.301111 7. lna properties 7.1 lna gain and out - band rejection @ 3.0v
spe - 11 - 8 - 054/ k / ss page 23 of 27 ma104. c. a301111.301111 7.2 noise figure
spe - 11 - 8 - 054/ k / ss page 24 of 27 ma104. c. a301111.301111 8. drawing (unit:m m)
spe - 11 - 8 - 054/ k / ss page 25 of 27 ma104. c. a301111.301111 9. installation
spe - 11 - 8 - 054/ k / ss page 26 of 27 ma104. c. a301111.301111 10 . packaging
spe - 11 - 8 - 054/ k / ss page 27 of 27 ma104. c. a301111.301111 taoglas makes no warranties based on the accuracy or completenes s of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or discl osure to third parties without express permission is strictly prohibited. copyright ? taoglas ltd.


▲Up To Search▲   

 
Price & Availability of MA104CAB-015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X